Part Number Hot Search : 
LTC1660 DF6109A R5001015 Y100E IPB05 A0512 LAN91 721A240
Product Description
Full Text Search
 

To Download 2N2907AUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com radiation hardened pnp silicon switching transistor qualified per mil-prf-19500/291 t4-lds-0055 rev. 4 (100247) page 1 of 6 devices levels 2n2906a 2n2907a jansm ? 3k rads (si) 2n2906al 2n2907al jansd ? 10k rads (si) 2n2906aua 2n2907aua jansp ? 30k rads (si) 2n2906aub 2N2907AUB jansl ? 50k rads (si) 2n2906aubc 2N2907AUBc jansr ? 100k rads (si) absolute maximum ratings (t c = +25c unless otherwise noted) parameters / test conditio ns symbol value unit collector-emitter voltage v ceo 60 vdc collector-base voltage v cbo 60 vdc emitter-base voltage v ebo 5.0 vdc collector current i c 600 madc total power dissipation @ t a = +25c p t (1) 0.5 w operating & storage junction temperature range t op , t stg -65 to +200 c thermal char acteristics parameters / test conditio ns symbol max. unit thermal resistance, junction-to-ambient r ja (1) 325 c/w 1. see mil-prf-19500/291 for derating curves. electrical characteristics (t a = +25c, unless otherwise noted) parameters / test conditions symbol min. max. unit off characteristics collector-emitter breakdown voltage i c = 10madc v (br)ceo 60 vdc collector-base cutoff current v cb = 60vdc v cb = 50vdc i cbo 10 10 adc adc emitter-base cutoff current v eb = 5.0vdc v eb = 4.0vdc i ebo 10 50 adc adc collector-emitter cutoff current v ce = 50vdc i ces 50 adc to-18 (to-206aa) 2n2906a, 2n2907a 4 pin 2n2906aua, 2n2907aua 3 pin 2n2906aub, 2N2907AUB 2n2906aubc, 2N2907AUBc (ubc = ceramic lid version)
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com t4-lds-0055 rev. 4 (100247) page 2 of 6 electrical characteristics (t a = +25c, unless otherwise noted) parameters / test conditions symbol min. max. unit on characteristics (2) forward-current transfer ratio i c = 0.1madc, v ce = 10vdc 2n2906a, l, ua, ub, ubc 2n2907a, l, ua, ub, ubc 40 75 i c = 1.0madc, v ce = 10vdc 2n2906a, l, ua, ub, ubc 2n2907a, l, ua, ub, ubc 40 100 175 450 i c = 10madc, v ce = 10vdc 2n2906a, l, ua, ub, ubc 2n2907a, l, ua, ub, ubc 40 100 i c = 150madc, v ce = 10vdc 2n2906a, l, ua, ub, ubc 2n2907a, l, ua, ub, ubc 40 100 120 300 i c = 500madc, v ce = 10vdc 2n2906a, l, ua, ub, ubc 2n2907a, l, ua, ub, ubc h fe 40 50 collector-emitter saturation voltage i c = 150madc, i b = 15madc i c = 500madc, i b = 50madc v ce(sat) 0.4 1.6 vdc base-emitter voltage i c = 150madc, i b = 15madc i c = 500madc, i b = 50madc v be(sat) 0.6 1.3 2.6 vdc dynamic characteristics parameters / test conditions symbol min. max. unit small-signal short-circuit forward current transfer ratio i c = 1.0madc, v ce = 10vdc, f = 1.0khz 2n2906a, l, ua, ub, ubc 2n2907a, l, ua, ub, ubc h fe 40 100 magnitude of small?signal short-circuit forward current transfer ratio i c = 20madc, v ce = 20vdc, f = 100mhz |h fe | 2.0 output capacitance v cb = 10vdc, i e = 0, 100khz f 1.0mhz c obo 8.0 pf input capacitance v eb = 2.0vdc, i c = 0, 100khz f 1.0mhz c ibo 30 pf switching characteristics parameters / test conditions symbol min. max. unit turn-on time see mil-prf-19500/291 t on 45 s turn-off time see mil-prf-19500/291 t off 300 s (2) pulse test: pulse width = 300 s, duty cycle 2.0%.
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com t4-lds-0055 rev. 4 (100247) page 3 of 6 package dimensions notes: dimensions 1. dimensions are in inches. symbol inches millimeters note 2. millimeters are given for general information only. min max min max 3. beyond r (radius) maximum, tw shall be held for a minimum length cd .178 .195 4.52 4.95 of .011 inch (0.28 mm). ch .170 .210 4.32 5.33 4. dimension tl measured from maximum hd. hd .209 .230 5.31 5.84 5. body contour optional within zone defined by hd, cd, and q. lc .100 tp 2.54 tp 6 6. leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) ld .016 .021 0.41 0.53 7,8 below seating plane shall be within .007 inch (0.18 mm) radius of ll .500 .750 12.70 19.05 7,8,13 true position (tp) at maximum material condition (mmc) relative to lu .016 .019 0.41 0.48 7,8 tab at mmc. l 1 .050 1.27 7,8 7. dimension lu applies between l 1 and l 2 . dimension ld applies l 2 .250 6.35 7,8 between l 2 and ll minimum. diamet er is uncontrolled in l 1 and p .100 2.54 beyond ll minimum. q .030 0.76 5 8. all three leads. tl .028 .048 0.71 1.22 3,4 9. the collector shall be internally connected to the case. tw .036 .046 0.91 1.17 3 10. dimension r (radius) applies to both inside corners of tab. r .010 0.25 10 11. in accordance with asme y14.5m, diameters are equivalent to x 45 tp 45 tp 6 symbology. 12. lead 1 = emitter, lead 2 = base, lead 3 = collector. 13. for l suffix devices, dimension ll = 1.5 inches (38.10 mm) min. and 1.75 inches (44.45 mm) max. figure 1. physical dimensions (similar to to-18)
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com t4-lds-0055 rev. 4 (100247) page 4 of 6 notes: dimensions 1. dimensions are in inches. symbol inches millimeters note 2. millimeters are given for general information only. min max min max 3. dimension ch controls the overall package thickness. when a bl .215 .225 5.46 5.71 window lid is used, dimension ch must increase by a minimum of bl2 .225 5.71 .010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm). bw .145 .155 3.68 3.93 4. the corner shape (square, notch, radius) may vary at the bw2 .155 3.93 manufacturer's option, from that shown on the drawing. ch .061 .075 1.55 1.90 3 5. dimensions lw2 minimum and l3 minimum and the appropriate l3 .003 .007 0.08 0.18 5 castellation length define an unobstructed three-dimensional space lh .029 .042 0.74 1.07 traversing all of the ceramic layers in which a castellation was ll1 .032 .048 0.81 1.22 designed. (castellations are required on the bottom two layers, ll2 .072 .088 1.83 2.23 optional on the top ceramic layer.) dimension ?lw2? maximum and ls .045 .055 1.14 1.39 ?l3? maximum define the maximum width and depth of the lw .022 .028 0.56 0.71 castellation at any point on its surface. measurement of these lw2 .006 .022 0.15 0.56 5 dimensions may be made prior to solder dipping. 6. the co-planarity deviation of all terminal contact points, as defined by the device seating plane, shall not exceed .006 inch (0.15mm) for pin no. 1 2 3 4 solder dipped leadless chip carri ers. transistor collector emitter base n/c 7. in accordance with asme y14. 5m, diameters are equivalent to x symbology. figure 2. physical dimensions, surface mount (ua version)
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com t4-lds-0055 rev. 4 (100247) page 5 of 6 dimensions dimensions symbol inches millimeters note symbol inches millimeters note min max min max min max min max bh .046 .056 1.17 1.42 ls 1 .036 .040 0.91 1.02 bl .115 .128 2.92 3.25 ls 2 .071 .079 1.81 2.01 bw .085 .108 2.16 2.74 lw .016 .024 0.41 0.61 cl .128 3.25 r .008 .203 cw .108 2.74 r 1 .012 .305 ll1 .022 .038 0.56 0.96 r 2 .022 .559 ll2 .017 .035 0.43 0.89 notes: 1. dimensions are in inches. 2. millimeters are given for general information only. 3. pad 1 = base, pad 2 = emitter, pad 3 = collector, pad 4 = shielding connected to the lid. 4. in accordance with asme y14.5m , diameters are equivalent to x symbology. figure 3. physical dimensions, surface mount (ub version) ub
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com t4-lds-0055 rev. 4 (100247) page 6 of 6 dimensions dimensions symbol inches millimeters note symbol inches millimeters note min max min max min max min max bh .046 .071 1.17 1.80 ls 1 .036 .040 0.91 1.02 bl .115 .128 2.92 3.25 ls 2 .071 .079 1.81 2.01 bw .085 .108 2.16 2.74 lw .016 .024 0.41 0.61 cl .128 3.25 r .008 .203 cw .108 2.74 r 1 .012 .305 ll1 .022 .038 0.56 0.96 r 2 .022 .559 ll2 .017 .035 0.43 0.89 notes: 1. dimensions are in inches. 2. millimeters are given for general information only. 3. hatched areas on package denote metalized areas. 4. pad 1 = base, pad 2 = emitter, pad 3 = collect or, pad 4 = connected to the lid braze ring. 5. in accordance with asme y14.5m , diameters are equivalent to x symbology. figure 4. physical dimensions, surface mount (ubc version, ceramic lid) ubc


▲Up To Search▲   

 
Price & Availability of 2N2907AUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X